Part Number Hot Search : 
CM531213 PS2651L2 FSL116LR LE2464C N60C3 AKD8181B 4998ET S1206
Product Description
Full Text Search
 

To Download 100300090001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  24,5 150 330 0 stck - verpackt in gurtverpackung - tape on reel packaging verpackungseinheit: 65 packaging unit: 650 pcs koplanarit?t der anschlsse 0,1 mm coplanarity area of termination anforderungsstufe 1 performance level 1 kontaktbereich vergoldet mating area gold plating anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating 0,1 mm abspulrichtung - reel off direction leiterplatten-layout fr smt pcb-layout for smt kontaktbezeichnung bei pin 1 contact marking at pin 1 2,21 -0,03 0,3 3,81 1,2 0,03 0,03 8,23 1,27 2,6 7,4 1,9 3 x 1,27 = 0,8 1,6 1,1 index srcp copyright by erni gmbh contact one of the erni companies proprietary notice pursuant to iso 16016 to be observed. a3 class f 1,27 src p, 4-pin 1,27 src p, 4-polig 100300090001 5:1 k 15.02.2011 www.erni.com before using. version of this drawing, please drawing will not be updated. designation in mm all dimensions scale tolerances information: all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date kontaktbezeichnung contact marking ohne ansaughaube - without hood 3,5 2,5 0,1 8,06 6,1 0,75 -0,05 2,93 1,5 -0,03 ansaughaube hood 7 5,6 10,16 5 0,03 8,23 5,25 date code ohne ansaughaube - without hood pos. 1 24 12 0,99 1,98 6,92 1,27 5,92 3 x 1,27 = 3,81 mating area termination area smt pdni-version 1,5-3m ni min. 0,65m pdni 0,15m au 1,5-3m ni 4-6m sn matt rohs - conform 6/6 plating definitions, performance class 1


▲Up To Search▲   

 
Price & Availability of 100300090001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X